전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR43A 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BAR43A
상세설명  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAR43A 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAR43A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAR43A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAR43A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAR43A Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Diodes
BAR43/A/C/S
SCHOTTKY BARRIER DIODE
FEATURES
Low Current Leakage
For General Purpose Switching Applications
BAR43
BAR43A
BAR43C
BAR43S
MARKING:D95
MARKING: DB1
MARKING:DB2
MARKING:DA5
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
30
V
VR(RMS)
RMS Reverse Voltage
21
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current @ t
=8.3ms
0.75
A
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance from Junction to Ambient
500
℃/W
Tj
Junction Temperature
1
25
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
30
V
Reverse current
IR
VR=25V
0.5
μA
IF=2mA
0.26
0.33
IF=15mA
0.45
Forward voltage
VF
IF=100mA
0.8
V
Reverse recovery time
trr
IF= IR=10mA, Irr=0.1×IR, RL=100Ω
5
ns
SOT-23
1
F,Oct,2015
www.cj-elec.com
MARKING:
BAR43
BAR43A
BAR43C
BAR43S
Solid dot = Green molding compound device,if none,
the normal device.


유사한 부품 번호 - BAR43A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BAR43A STMICROELECTRONICS-BAR43A Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Fairchild Semiconductor
BAR43A FAIRCHILD-BAR43A Datasheet
30Kb / 2P
   Schottky Diodes
BAR43A FAIRCHILD-BAR43A Datasheet
41Kb / 2P
   BAR43/A/C/S
logo
SEMTECH ELECTRONICS LTD...
BAR43A SEMTECH_ELEC-BAR43A Datasheet
181Kb / 2P
   SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAR43A MCC-BAR43A Datasheet
164Kb / 2P
   200mW SCHOTTKY DIODE
More results

유사한 설명 - BAR43A

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com