전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PC817A 데이터시트(PDF) 3 Page - Tiger Electronic Co.,Ltd

부품명 PC817A
부품 상세설명  High Density DIP Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PC817A 데이터시트(HTML) 3 Page - Tiger Electronic Co.,Ltd

  PC817A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIP Type
3
Photocoupler
High Density DIP Type Photocoupler
PC817 Series
Typical Characterisitics
Duty ratio
5
5
Pulse width <=100
s
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
0
1
200
2
5
10
20
50
160
120
80
40
20
60
100
140
180
100
0
50
150
0
25
50
75
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0
5
1
10
15
20
25
30
23
4
5
67
8
9
20mA
10mA
5mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Fig. 4 Current Transfer Ratio vs.
Forward Current
Forward current I F ( mA )
Collector-emitter voltage V CE (V)
Ambient temperature T a (
)
0
5
2
1
0
100
200
50
150
25
50
75
100
Ambient Temperature
-30
Fig. 2 Collector Power Dissipation vs.
a (
)
Ambient temperature T
1
VCE =5V
IF = 30mA
PC(MAX.)
IF = 5mA
VCE =5V
Fig. 5 Forward Current vs. Forward Voltage
10 000
5 000
2 000
1 000
Ta =
Ta =
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
-
Ta =
Forward voltage V F ( V)
-30
Ta=
3


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn