전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PC817A 데이터시트(PDF) 1 Page - Tiger Electronic Co.,Ltd

부품명 PC817A
부품 상세설명  High Density DIP Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PC817A 데이터시트(HTML) 1 Page - Tiger Electronic Co.,Ltd

  PC817A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PC817A Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photocoupler
High Density DIP Type Photocoupler
PC817 Series
Features
Current transfer ratio
( CTR: MIN. 50% at IF =5mA ,VCE=5V)
High isolation voltage between input and output
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Input Reverse voltage
VR
6
Collector - Emitter Output Voltage
VCEO
35
Emitter-Collector Output Voltage
VECO
6
Isolation Voltage
VISO
5000
Input Forward Current
IF
50
mA
Input Peak Forward Current
(Note.1)
IFM
1A
Collector Current - Continuous
IC
50
mA
Input Power Dissipation
P
70
Collector Output Power dissipation
Pc
150
Total Power Dissipation
Ptot
200
Junction Temperature
TJ
125
Soldering temperature
Tsol
260
Operating Temperature
Topr
-30to100
Storage Temperature Range
Tstg
-55to125
V
mW
Note.1:Pulse width
100ms, Duty ratio : 0.001
Vrms
Anode mark
TIGER ELECTRONIC CO.,LTD
1


유사한 부품 번호 - PC817A

제조업체부품명데이터시트부품 상세설명
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
First Silicon Co., Ltd
First Silicon Co., Ltd
PC817A FS-PC817A Datasheet
220Kb / 4P
   High Density Mounting Type Photocoupler PC817 Series
2013. 07. 30 Rev No : 0
More results

유사한 설명 - PC817A

제조업체부품명데이터시트부품 상세설명
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
PC817B TGS-PC817B Datasheet
173Kb / 4P
   High Density DIP Type Photocoupler
PC817D TGS-PC817D Datasheet
173Kb / 4P
   High Density DIP Type Photocoupler
PC817C TGS-PC817C Datasheet
173Kb / 4P
   High Density DIP Type Photocoupler
SeCoS Halbleitertechnologie GmbH
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
Sharp Electrionic Components
Sharp Electrionic Compo...
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
Shenzhen Tenand Technology Co., Ltd.
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz