전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-01GL13-FT 데이터시트(PDF) 7 Page - Omron Electronics LLC

부품명 SS-01GL13-FT
상세설명  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01GL13-FT 데이터시트(HTML) 7 Page - Omron Electronics LLC

  SS-01GL13-FT Datasheet HTML 1Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 2Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 3Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 4Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 5Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 6Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 7Page - Omron Electronics LLC SS-01GL13-FT Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SS
Subminiature Basic Switch
S
S
Precautions
★Please refer to "Common Precautions" for correct use.
●Soldering
• Complete the soldering at the iron tip temperature below
350°C within 5 seconds, and do not apply any external force
for 1 minute after soldering. Soldering at an excessively high
temperature or soldering for more than 5 seconds may
deteriorate the characteristics of the Switch.
• Be sure to apply only the minimum required amount of flux.
Switch may have contact failures if flux intrudes into the
interior of the Switch.
• If the PCB terminal models are soldered in the solder bath, flux
will permeate inside the Switch and cause contact failure.
Therefore, manually solder the PCB terminal.
●Mounting
• Use M2.3 mounting screw with plane washers or spring
washers to securely mount the Switch. Tighten the screws to a
torque of 0.23 to 0.26 N·m {2.3 to 2.7 kgf·cm}.
• Mount the Switch onto a flat surface. Mounting on an uneven
surface may cause deformation of the Switch, resulting in
faulty operation or breakage in the housing.
●Using Micro Loads
Using a model for ordinary loads to open or close the contact of
a micro load circuit may result in faulty contact. Use models that
operate in the following range. However, even when using micro
load models within the following operating range, if inrush
current occurs when the contact is opened or closed, it may
increase the contact wear and so decrease durability. Therefore,
insert a contact protection circuit where necessary. The N-level
reference value applies for the minimum applicable load. This
value indicates the malfunction reference level for the reliability
level of 60% (
λ60).
(JIS C5003)
The equation,
λ60=0.5×10-6/operation indicates that the
estimated malfunction rate is less than
operations with
a reliability level of 60%.
Cautions
Correct Use
1
2,000,000
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Operating
range for
general-load
models
SS-5
SS-10
Operating range for
micro-load model
SS-01
26 mA
0.16mA
100 mA 160mA
100 mA


유사한 부품 번호 - SS-01GL13-FT

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
SS-01GL13-FT OMRON-SS-01GL13-FT Datasheet
676Kb / 10P
   Snap Action Switch
More results

유사한 설명 - SS-01GL13-FT

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com