전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBL4208-100-04-025 데이터시트(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL4208-100-04-025
부품 상세설명  BLDC motor modules.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208-100-04-025 데이터시트(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  QBL4208-100-04-025 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
QBL4208 Manual (V1.03 / 2010-NOV-03)
5
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
3 Order codes
Order code
Description
Dimensions (mm)
QBL4208-41-04-006
QMot BLDC motor 42 mm, 4000RPM, 0.06Nm
42 x 42 x 41
QBL4208-61-04-013
QMot BLDC motor 42 mm, 4000RPM, 0.13Nm
42 x 42 x 61
QBL4208-81-04-019
QMot BLDC motor 42 mm, 4000RPM, 0.19Nm
42 x 42 x 81
QBL4208-100-04-025
QMot BLDC motor 42 mm, 4000RPM, 0.25Nm
42 x 42 x 100
Table 3.1: Order codes


유사한 부품 번호 - QBL4208-100-04-025

제조업체부품명데이터시트부품 상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
QBL4208-100-04-025 TRINAMIC-QBL4208-100-04-025 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
More results

유사한 설명 - QBL4208-100-04-025

제조업체부품명데이터시트부품 상세설명
Melexis Microelectronic Systems
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
   BLDC Motor Controller
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
   BLDC Motor Controller
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
   MODULES FOR BLDC MOTORS
Infineon Technologies AG
Infineon Technologies A...
TLE9563-3QX INFINEON-TLE9563-3QX Datasheet
7Mb / 275P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
Fairchild Semiconductor
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
Micro Linear Corporation
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
QBL4208 TRINAMIC-QBL4208 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
QBL5704 TRINAMIC-QBL5704 Datasheet
164Kb / 1P
   57mm 4pole BLDC motor
Micro Linear Corporation
Micro Linear Corporatio...
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz