전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBL4208-100-04-025 데이터시트(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL4208-100-04-025
부품 상세설명  BLDC motor modules.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208-100-04-025 데이터시트(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QBL4208-100-04-025 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
QBL4208 Manual (V1.03 / 2010-NOV-03)
13
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
6.3 Motor velocity
The motor velocity is also dictated by the configuration of the mechanical system that is coupled to
the motor shaft, and by the type of move that is to be affected. For example, a single velocity
application would require a motor with rated velocity equal to the average move velocity. A point to
point positioning would require a motor with a rated velocity higher than the average move velocity.
(The higher velocity would account for acceleration, deceleration and run times of the motion profile).
Figure 6.1: Trapezoidal move and triangular move relates rated motor velocity to average move
velocity for two point to point positioning move profiles.
ω
max
rated operating speed of motor RPM
ω
trap
average speed of motor required for a specified trapezoidal move, RPM
ω
tri
average speed of motor required for a specified triangular move, RPM
D
total distance traveled, motor shaft revolutions
t
1
acceleration time, seconds
t
2
run time, seconds
t
3
deceleration time, seconds
t
4
dwell time, seconds
Figure 6.1: Trapezoidal move and triangular move
Trapezoidal move
t1
t3
t2
(1/4)D
(1/2)D
(1/4)D
t4
Vmax
For acceleration portion of curve:
For entire move:
Example:
Triangular move
(1/2)D
(1/2)D
t1
t3
t4
Vmax
For acceleration portion of curve:
For entire move:
Example:


유사한 부품 번호 - QBL4208-100-04-025

제조업체부품명데이터시트부품 상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
QBL4208-100-04-025 TRINAMIC-QBL4208-100-04-025 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
More results

유사한 설명 - QBL4208-100-04-025

제조업체부품명데이터시트부품 상세설명
Melexis Microelectronic Systems
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
   BLDC Motor Controller
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
   BLDC Motor Controller
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
   MODULES FOR BLDC MOTORS
Infineon Technologies AG
Infineon Technologies A...
TLE9563-3QX INFINEON-TLE9563-3QX Datasheet
7Mb / 275P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
Fairchild Semiconductor
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
Micro Linear Corporation
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
QBL4208 TRINAMIC-QBL4208 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
QBL5704 TRINAMIC-QBL5704 Datasheet
164Kb / 1P
   57mm 4pole BLDC motor
Micro Linear Corporation
Micro Linear Corporatio...
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz