전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS70328SJ-8 데이터시트(PDF) 11 Page - GSI Technology

부품명 GS70328SJ-8
상세설명  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328SJ-8 데이터시트(HTML) 11 Page - GSI Technology

Back Button GS70328SJ-8 Datasheet HTML 3Page - GSI Technology GS70328SJ-8 Datasheet HTML 4Page - GSI Technology GS70328SJ-8 Datasheet HTML 5Page - GSI Technology GS70328SJ-8 Datasheet HTML 6Page - GSI Technology GS70328SJ-8 Datasheet HTML 7Page - GSI Technology GS70328SJ-8 Datasheet HTML 8Page - GSI Technology GS70328SJ-8 Datasheet HTML 9Page - GSI Technology GS70328SJ-8 Datasheet HTML 10Page - GSI Technology GS70328SJ-8 Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
GS70328SJ/TS
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.11 11/2004
11/11
© 1999, GSI Technology
R
evision History
Rev. Code: Old;
New
Types of Changes
Format or Content
Page #/Revisions/Reason
1.03 8/1999;
1.04 11/1999
Content
• Added 12ns speed bin information to 70328 datasheet.
GS70328Rev1.04 12/1999KRev
1.05 2/2000L
Format/Content
• GSI Logo
Rev 1.05 2/2000L; Rev1.06 6/2000
Content
• Nominal value for HD on the TSOP-I 28-pin package changed
to 13.4
Rev1.06; Rev1.07
Format/Content
• Updated format to conform to Tech Pubs standards
• Corrected errors in both case diagrams
70328_r1_07; 70328_r1_08
Content
• Added 12 ns reference to Parameter column in
Recommended Operating Conditions table on page 3
70328_r1_08; 70328_r1_09
Content
• Added 15 ns references to entire document
70328_r1_09; 70328_r1_10
Content
• Removed 6 ns speed bin from entire document
70328_r1_10; 70328_r1_11
Format
• Updated format


유사한 부품 번호 - GS70328SJ-8

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

유사한 설명 - GS70328SJ-8

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com