์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

L1087C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - List of Unclassifed Manufacturers

๋ถ€ํ’ˆ๋ช… L1087C
์ƒ์„ธ๋‚ด์šฉ  0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ETC [List of Unclassifed Manufacturers]
ํ™ˆํŽ˜์ด์ง€  
Logo 

L1087C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 3 / 6 page
background image
3
L1087 Series
SOT-89,TO-92
AUG-30-2001
0.8A Fixed and Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
ELECTRICAL CHARACTERISTICS FOR FIXED 3.3V(Unless otherwise specified, TA = 25 ยฐC)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
(Fixed version)
VO
VIN = 5V, IOUT = 10mA
VO
3.234V(Min)
3.367V(Max)
Dropout Voltage
VD
ฮ”VO = 1%, IOUT = 0.8A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V)
โ‰ค VIN โ‰ค 15V, IOUT = 10mA 0.5%
2.0%
Load Regulation
REG(LOAD) (VIN -VOUT) = 2V, 10mA
โ‰ค IOUT โ‰ค 0.8A
0.5%
2.0%
Minimum Load
Current
IO
1.5V
โ‰ค (VIN -VOUT) โ‰ค 5.75V
10mA
GND Pin Current
IGND
55
ยตA
100
ยตA
Current Limit
ICL
VIN - VOUT = 2V
1.2A
0.9A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, Co=22Uf,VIN = 5V,
IOUT = 0.8A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
L1087C
L1087C-3.3
L1087N-3.3
Voltage Version
Adjustable
3.3V
3.3V
Package
SOT-89
SOT-89
TO-92
Marking
L1087
87-3.3
87N-3.3


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn