전자부품 데이터시트 검색엔진 |
|
LM368 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM368 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
2 / 8 page Absolute Maximum Ratings (Note 7) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Input Voltage 35V Power Dissipation 600 mW Storage Temperature Range b 60 Cto a150 C Operating Temperature Range 0 Cto a70 C Soldering Information TO-5 (H) Package (10 sec) a 300 C See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ (Appendix D) for other methods of soldering surface mount devices Electrical Characteristics (Note 1) LM368-25 Tested Design Units Parameter Conditions Typical Limit Limit (Max unless (Note 2) (Note 3) noted) VOUT Error LM368 g 002 g 02 % Line Regulation 50V s VIN s 30V g 00001 g 00005 %V Load Regulation (Note 8) 0 mA s ISOURCE s 10 mA g 00003 g 00025 %mA Thermal Regulation T e 20 mS (Note 4) g 0005 g 002 %100 mW Quiescent Current 350 550 m A Change of Quiescent Current vs VIN 50V s VIN s 30V 3 5 m AV Temperature Coefficient of VOUT (see graph) LM368Y-25 0 C s TA s 70 C g 11 g 20 ppm C (Note 5) LM368-25 0 C s TA s 70 C g 15 g 30 ppm C Short Circuit Current VOUT e 0 30 70 100 mA Noise 01 – 10 Hz 12 uVp-p 100 Hz – 10 kHz 420 nV 0Hz VOUT Adjust Range 0 s VPIN5 s VOUT 19 – 52 22 – 50 V min Note 1 Unless otherwise noted these specifications apply TA e 25 C 49V s VIN s 105V 0 s ILOAD s 05 mA 0s CL s 200 pF Note 2 Tested Limits are guaranteed and 100% tested in production Note 3 Design Limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage ranges These limits are not used to calculate outgoing quality levels Note 4 Thermal Regulation is defined as the change in the output Voltage at a time T after a step change in power dissipation of 100 mW Note 5 Temperature Coefficient of VOUT is defined as the worst case delta-VOUT measured at Specified Temperatures divided by the total span of the Specified Temperature Range (See graphs) There is no guarantee that the Specified Temperatures are exactly at the minimum or maximum deviation Note 6 In metal can (H) iJ-C is 75 CW and iJ-A is 150 CW Note 7 Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating the device beyond its Rated Operating Conditions (see Note 1 and Conditions) Note 8 Load regulation is measured on the output pin at a point below the base of the package Regulation is measured at constant junction temperature using pulse testing with a low duty cycle Changes in output voltage due to heating effects are covered under the specification for thermal regulation 2 |
유사한 부품 번호 - LM368 |
|
유사한 설명 - LM368 |