전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1307-005LF 데이터시트(PDF) 7 Page - Skyworks Solutions Inc.

부품명 SMP1307-005LF
상세설명  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1307-005LF 데이터시트(HTML) 7 Page - Skyworks Solutions Inc.

  SMP1307-005LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1307-005LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA SHEET • SMP1307 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200045L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 20, 2015
7
0.074
(1.90 mm)
Ref.
0.118
(3.00 mm)
0.087
(2.20 mm)
0.012
(0.30 mm)
0.000
(0.00 mm)
Min.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.064 (1.63 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.35 mm)
1
54
23
0.037 (0.95 mm) Ref.
0.069
(1.75 mm)
0.052
(1.30 mm)
0.024
(0.61 mm)
0.004
(0.10 mm)
0.0104 (0.26 mm)
0.0035 (0.09 mm) Min.
0.012 (0.30 mm) Typ.
S1657
Dimensions are in inches (millimeters shown in parentheses)
Figure 9. SOT-5 Package Dimension Drawing
Notes:
1. Carrier tape: black conductive polystyrene.
2. Cover tape material: transparent conductive HSA.
3. Cover tape size: 5.40 mm width.
4. Ten sprocket hole pitch cumulative tolerance = ±0.20 mm.
5. All measurements are in millimeters.
6. Standard reel size is 7 inches. Standard reel quantity is 3000 pcs.
4.00 (see Note 4)
4.00 ± 0.10
2.00 ± 0.05
3.15 ± 0.10 (Ao)
0.20 ± 0.03
1.75 ± 0.10
1.40 ± 0.10 (Ko)
A
B
Pin #1
∅1.50+ 0.10/–0.00
∅1.00 Min.
S1681
R0.30 Typ
A
B
B
A
Figure 10. SOT-5 Tape and Reel Dimensions


유사한 부품 번호 - SMP1307-005LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1307-005LF SKYWORKS-SMP1307-005LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1307-005LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com