전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TMCM-1640 데이터시트(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 TMCM-1640
부품 상세설명  MODULES FOR BLDC MOTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1640 데이터시트(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-1640 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TMCM-1640 Hardware Manual (V1.04 / 2011-NOV-16)
5
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
3 Order codes
Cables are not included. Add the TMCM-1640-CABLE to your order if required.
Order code
Description
Dimensions [mm]
TMCM-1640
1-axis BLDC controller/driver module with up to 5A /
28.5V. RS485 and USB 2.0 interface
42 x 42 x 15
Component parts
TMCM-1640-CABLE
Cable-loom for TMCM-1640
Related motors
QBL4208-41-04-006
QMot BLDC motor 42 mm, 4000RPM, 0.06Nm
42 x 42 x 41
QBL4208-61-04-013
QMot BLDC motor 42 mm, 4000RPM, 0.13Nm
42 x 42 x 61
Table 3.1: Order codes


유사한 부품 번호 - TMCM-1640

제조업체부품명데이터시트부품 상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
   1-Axis BLDC Controller/Driver 5A/48V
TMCM-1613 TRINAMIC-TMCM-1613 Datasheet
1Mb / 58P
   Block commutation for BLDC motors
TMCM-163 TRINAMIC-TMCM-163 Datasheet
367Kb / 1P
   1-Axis Motor Mounted BLDC Controller/Driver 12A/38V
TMCM-163-CABLE TRINAMIC-TMCM-163-CABLE Datasheet
367Kb / 1P
   1-Axis Motor Mounted BLDC Controller/Driver 12A/38V
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
More results

유사한 설명 - TMCM-1640

제조업체부품명데이터시트부품 상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-1613 TRINAMIC-TMCM-1613 Datasheet
1Mb / 58P
   Block commutation for BLDC motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
QBL4208 TRINAMIC-QBL4208_10 Datasheet
380Kb / 14P
   BLDC motor modules.
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
   PMSM FOC drives and BLDC motors
TDK Electronics
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz