전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TMCM-6210 데이터시트(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 TMCM-6210
상세설명  Module for Stepper Motors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-6210 데이터시트(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-6210 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6210 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Module for Stepper Motors
MODULE
SHORT SPEC 
TMCM-6210 AND TMCM-6211 HARDWARE MANUAL
TMCM-6210/TMCM-6211 Hardware Version 1.10 •2015-OCT-26 | Document Rev. 1.00 • 2016-APR-20
S
HORT SPEC
The TMCM-6210 and TMCM-6211 are six axes controller/driver modules for 2-phase bipolar stepper
motors with separate differential encoder and separate HOME STOP switch inputs for each axis
(6x). Dynamic current control, and quiet, smooth and efficient operation are combined with
stealthChop™, dcStep™, stallGuard™ and coolStep™ features. The modules offer four analog or
digital inputs as well as four digital outputs in combination with a break chopper unit.
Features
6-Axes Stepper
Controller / Driver
Up-to 0.7 3A RMS / 24V DC
Encoder / HOME / STOP
4x analog / digital inputs
4x digital outputs
Brake chopper support
CAN, RS485, USB (TMCM-6210)
EtherCAT®, USB (TMCM-6211)
Applications
Lab Automation
Semiconductor
Manufacturing
Robotics
Factory Automation
CNC
Block Diagram: TMCM-6210 Interfaces & Features
10..27V
TMCM-6210
µC
(ARM)
CAN
USB
RS485
Inputs
Outputs
DC
DC
I2C
SPI
3x
EEPROM
TMC
5072
+5V
HOME, REFL, REFR
+5V
+5V
+5V
+5V
+5V
HOME, REFL, REFR
A/B/N Encoder
A/B/N Encoder
E
E
Figure 2: Block Diagram of TMCM-6210
© 2015 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
— Terms of delivery and rights to technical change reserved. Download
newest version at: www.trinamic.com .
Read entire documentation; especially the
Supplemental Directives on page 41.
Figure 1: TMCM-6211 Product Photo


유사한 부품 번호 - TMCM-6210

제조업체부품명데이터시트상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-6212 TRINAMIC-TMCM-6212 Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-6212-CANopen TRINAMIC-TMCM-6212-CANopen Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-6212-TMCL TRINAMIC-TMCM-6212-TMCL Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-6213-CoE TRINAMIC-TMCM-6213-CoE Datasheet
1Mb / 28P
   6-Axes Stepper Controller
More results

유사한 설명 - TMCM-6210

제조업체부품명데이터시트상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com