전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1307-099 데이터시트(PDF) 4 Page - Skyworks Solutions Inc.

부품명 SMP1307-099
상세설명  PIN Diode Chips Supplied on Film Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1307-099 데이터시트(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1307-099 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATA SHEET
• PIN DIODE CHIPS SUPPLIED ON FILM FRAME
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
January 5, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200140L
Grip Ring
0.003 (0.076 mm)
Separation
Between Die
3.940 (100 mm)
Wafer Dia.
5.520 (140.2 mm)
Inner Ring I.D.
5.981 (151.92 mm)
Outer Ring O.D.
0.236 (5.99 mm)
Ring Thickness
 Wafer on nitto tape
 Color: light blue
 Thickness: 2.2 to 3.0 mils
 Tensile strength: 6.6 lbs (in width)
 Ring material: plastic
0.003 (0.076 mm) Nom.
Separation
Between Die
Figure 5. Wafer Film Frame Description


유사한 부품 번호 - SMP1307-099

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1307-001 SKYWORKS-SMP1307-001 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-001LF SKYWORKS-SMP1307-001LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004 SKYWORKS-SMP1307-004 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1307-099

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMS3926-099 SKYWORKS-SMS3926-099 Datasheet
259Kb / 5P
   Schottky Diode Quad Mixer Chips Supplied on Film Frame
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Tyco Electronics
MA4BPS101 MACOM-MA4BPS101 Datasheet
83Kb / 4P
   PIN Diode Chips with Offset Bond Pads
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com