전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13190 데이터시트(PDF) 7 Page - Motorola, Inc

부품명 MC13190
상세설명  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190 데이터시트(HTML) 7 Page - Motorola, Inc

Back Button MC13190 Datasheet HTML 3Page - Motorola, Inc MC13190 Datasheet HTML 4Page - Motorola, Inc MC13190 Datasheet HTML 5Page - Motorola, Inc MC13190 Datasheet HTML 6Page - Motorola, Inc MC13190 Datasheet HTML 7Page - Motorola, Inc MC13190 Datasheet HTML 8Page - Motorola, Inc MC13190 Datasheet HTML 9Page - Motorola, Inc MC13190 Datasheet HTML 10Page - Motorola, Inc MC13190 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Contact Connections
MOTOROLA
MC13190 Advance Information
7
Figure 2. Contact Connections
27
MOD_OUT_N
Analog Output
Negative output of Modulator
28
GND
Ground
29
GND
Ground
30
MOD_OUT_P
Analog Output
Positive output of Modulator
31
GND
Ground
32
LNA_IN_P
Analog Input
Positive Input to LNA
Table 7. Contact Function Description (Continued)
32
31
30
29
28
27
26
25
9
1011
12
1415
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
MOD_VCC
MOD_BUFF_VCC
PLL_VCC
TX_DATA
PLL_EN
DEMOD_VCC
DEMOD_BYPASS
DEMOD_OUT_P
DEMOD_OUT_N
RX_EN
LNA_VCC
LOGIC_VDD
TX_EN
FREF
LIM_VCC
RX_DATA
13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13190

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

유사한 설명 - MC13190

제조업체부품명데이터시트상세설명
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com