전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13190 데이터시트(PDF) 8 Page - Motorola, Inc

부품명 MC13190
상세설명  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190 데이터시트(HTML) 8 Page - Motorola, Inc

Back Button MC13190 Datasheet HTML 4Page - Motorola, Inc MC13190 Datasheet HTML 5Page - Motorola, Inc MC13190 Datasheet HTML 6Page - Motorola, Inc MC13190 Datasheet HTML 7Page - Motorola, Inc MC13190 Datasheet HTML 8Page - Motorola, Inc MC13190 Datasheet HTML 9Page - Motorola, Inc MC13190 Datasheet HTML 10Page - Motorola, Inc MC13190 Datasheet HTML 11Page - Motorola, Inc MC13190 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
MC13190 Advance Information
MOTOROLA
Application Information
4 Application Information
Figure 3 shows the basic transceiver evaluation board circuit schematic with reference oscillator and
Figure 4 shows the optional external LNAs. Figures 5 and 6 show the evaluation board printed circuit
board layout details.
This realization is intended for device evaluation and has been designed with a 50
Ω interface. C19, C20,
L10 and L12 form a lumped-element balun. In equipment applications a differential antenna can be
interfaced through matching elements directly to the LNA and Modulator contacts. A PCB dipole antenna
board with balun and SMA connector is available for link evaluations. A version of the board which
includes a dipole antenna is also available. The RF circuit layout is critical and should be duplicated
exactly. In normal applications, the entire transceiver should be shielded and control lines from the
baseband should be as short as possible.
The optional external LNA circuits require an external differential switch that is implemented with PIN
diodes D1, D2, D3 and D4. T1 and T2 are quarter wave lines for isolation. IC Contact 15, LNA_SW, is
grounded since the internal switch is not used. If the LNA are used, C25 and C30 are not placed and “zero
Ohm” resistors R5, R9, R13 and R14 insert the LNAs into the receive path.
Voltage supply Contacts 1, 2, 3, 12, 19, 23 and 24 require bypass capacitors as close as possible to the
device. Logic supply Contact 4 can directly interface to the baseband supply in equipment applications.
The DEMOD_BYPASS (Contact 22) bypasses the demodulator bias circuitry for both RF signals and low
frequency signals. The differential demodulator output from contacts 20 and 21 is available at TP1 and
TP2. The PLL loop filter is the standard R+C // C network and connects between contacts 12 and 13.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13190

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

유사한 설명 - MC13190

제조업체부품명데이터시트상세설명
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com