전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13190 데이터시트(PDF) 9 Page - Motorola, Inc

부품명 MC13190
상세설명  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190 데이터시트(HTML) 9 Page - Motorola, Inc

Back Button MC13190 Datasheet HTML 5Page - Motorola, Inc MC13190 Datasheet HTML 6Page - Motorola, Inc MC13190 Datasheet HTML 7Page - Motorola, Inc MC13190 Datasheet HTML 8Page - Motorola, Inc MC13190 Datasheet HTML 9Page - Motorola, Inc MC13190 Datasheet HTML 10Page - Motorola, Inc MC13190 Datasheet HTML 11Page - Motorola, Inc MC13190 Datasheet HTML 12Page - Motorola, Inc MC13190 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Information
MOTOROLA
MC13190 Advance Information
9
Figure 3. Transceiver Application Circuit Schematic
MC13190
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
*
25
28
29
30
31
32
26
27
16
13
12
11
10
915
14
RF_IN
2.7/2.75 V
2.7/2.75 V
C19
L12
C20
L10
R21
C17
C32
TX_EN
C31
C16
D4
D3
L3
L2
D1
L1
C11
R5
C13
C14
D2
L4
R13
R14
L11
C30
C15
R9
L7
C25
C12
2.7/2.75 V
R15
C1
2.7/
2.75 V
R16
C33
C21
R2
2.7/2.75 V
C9
R3
Y1
C8
C7
Q1
C4
C6
R20
2.7/2.75 V
R4
C18
C5
R19
C36
Connected
to via
R18
VCO_VCC
R17
C34
C35
C37
R1
C3
C2
L5
2.7/2.75 V
TX_EN
* Backside ground contact soldered to PCB
N.C.
2.7/2.75 V
N.C.
2.7/
2.75 V
T1
T2
TP1
TP2
U1
N.C.
Jumper
C
D
To Optional
LNA #2
To Optional
LNA #1
A
B
C38
J5
2.7 - 3.3 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13190

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

유사한 설명 - MC13190

제조업체부품명데이터시트상세설명
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com