전자부품 데이터시트 검색엔진 |
|
Q665 데이터시트(PDF) 3 Page - Fujitsu Component Limited. |
|
Q665 데이터시트(HTML) 3 Page - Fujitsu Component Limited. |
3 / 7 page Data Sheet FUJITSU Tablet STYLISTIC Q665 Page 3 / 7 www.fujitsu.com/fts/tabletpc General system information Audio codec Realtek ALC283 Audio features Built-in array microphone, 2x built-in speakers (stereo) Display Display 29.5 cm (11.6-inch),(Full HD),Anti-glare touchscreen,1,920 x 1,080 pixel,1000:1,300 cd/m² Display notes ISO 9241-307 - Pixel class II Viewing angle: Left/Right 89°, Top 89°, Bottom 89°; 25ms response time; Integrated ambient light sensor for automatic backlight adjustment to the working environment. Sensors 3-axis Accelerometer Gyroscope Ambient Light Sensor Magnetic Field Sensor Compass Aspect ratio 16:9 Brightness - typical 300 cd/m² Contrast - typical 1000:1 Digitizer / Touch Technology Dual Digitizer for pen input plus capacitive 10-finger multi-touch screen Ambient light sensor Integrated Ambient light sensor notes While enabled, the ambient light sensor automatically adjusts the display backlight Viewing angle (h/v) - typical 178°/178° Graphics Base unit STYLISTIC Q665 TFT resolution (HDMI) up to 4,096 × 2,160 TFT resolution (VGA) 1,920 x 1,080 pixel Graphics brand name Intel® HD Graphics 5300 Graphics features 3 Display Support (2 external, 1 internal) Graphics notes Shared memory depending on main memory size and operating system Interfaces DC-in 1 Audio: line-out / headphone 1 (combo port with Audio line-in) Audio: line-in / microphone 1 (combo port with Audio line-out) Internal microphones 2 (digital) USB 2.0 total 1 USB 3.0 total 1 VGA 1 (via optional cradle or optional conversion cable) micro HDMI 1 Ethernet (RJ-45) 1 (via optional cradle or optional conversion cable) Memory card slots 1 microSD up to 2GB, microSDHC up to 32GB, microSDXC up to 128GB SmartCard slot optional SIM card slot 1 (MicroSIM - only for models with integrated 3G/UMTS or 4G/LTE module) Interface Module notes LAN, HDMI, DisplayPort and VGA available via conversion cable. Cradle (Charging or Functional) DC-in 1 (19V) Audio: line-in 1 Audio: line-out 1 USB 2.0 total 3 (if used with STYLISTIC Q555) USB 3.0 total 3 (if used with STYLISTIC Q736/Q616/Q775/Q665) DisplayPort 1 VGA 1 Ethernet (RJ-45) 1 (10/100/1000) Kensington Lock support 1 Interface Module notes If USB 3.0 or 2.0 is supported, is determined by the technological base of the product. |
유사한 부품 번호 - Q665 |
|
유사한 설명 - Q665 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |