전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8723SB 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 8723SB
상세설명  22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

8723SB 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  8723SB Datasheet HTML 1Page - List of Unclassifed Manufacturers 8723SB Datasheet HTML 2Page - List of Unclassifed Manufacturers 8723SB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Recommended Pulling Tension:
50 lbs.
Min. Bend Radius (Install)/Minor Axis:
1.600 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG-LS
CEC/C(UL) Specification:
CMG-LS
IEEE Specification:
Std. 45 clause 23
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
08/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
UL444, ABS Type Approval Certificate 05-HS500072B
Flame Test
UL Flame Test:
UL1685 FT4 Loading, Limited Smoke
C(UL) Flame Test:
FT4, Limited Smoke
IEC Flame Test:
60332-1, 60332-3-22 (Category A)
IEEE Flame Test:
1202
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
45
Nom. Inductance:
Inductance (µH/ft)
0.17
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
35
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
62
Nominal Velocity of Propagation:
VP (%)
66
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
14.7
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8723SB Multi-Conductor - Audio Control Interconnect Shipboard Cable


유사한 부품 번호 - 8723SB

제조업체부품명데이터시트상세설명
logo
Belden Inc.
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
   Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
8723SB-0101000 BELDEN-8723SB-0101000 Datasheet
142Kb / 2P
   Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
More results

유사한 설명 - 8723SB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com