전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK412-010 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 STK412-010
상세설명  Two-Channel Shift Power Supply Audio Power Amplifier ICs 150W 150 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK412-010 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  STK412-010 Datasheet HTML 1Page - Sanyo Semicon Device STK412-010 Datasheet HTML 2Page - Sanyo Semicon Device STK412-010 Datasheet HTML 3Page - Sanyo Semicon Device STK412-010 Datasheet HTML 4Page - Sanyo Semicon Device STK412-010 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image




































 ×Ý#ÎÞß ZΩà[YRS`


유사한 부품 번호 - STK412-010

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK412-010 SANYO-STK412-010 Datasheet
58Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs(70W 70 W)
STK412-010 SANYO-STK412-010 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
More results

유사한 설명 - STK412-010

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs
STK412-010 SANYO-STK412-010 Datasheet
58Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs(70W 70 W)
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Power Integrations, Inc...
DI-35 POWERINT-DI-35 Datasheet
325Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Sanyo Semicon Device
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com