전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSC04B011JPA 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 CSC04B011JPA
상세설명  Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC04B011JPA 데이터시트(HTML) 1 Page - Vishay Siliconix

  CSC04B011JPA Datasheet HTML 1Page - Vishay Siliconix CSC04B011JPA Datasheet HTML 2Page - Vishay Siliconix CSC04B011JPA Datasheet HTML 3Page - Vishay Siliconix CSC04B011JPA Datasheet HTML 4Page - Vishay Siliconix CSC04B011JPA Datasheet HTML 5Page - Vishay Siliconix CSC04B011JPA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CSC
www.vishay.com
Vishay Dale
Revision: 03-May-13
1
Document Number: 31509
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Resistor Networks, Single-In-Line,
Conformal Coated SIP
FEATURES
• Isolated,
bussed
and
dual
terminator
schematics available
• Body height: “A” profile = 0.195" (4.95 mm) and
“B” profile = 0.295" (7.50 mm) standard; custom
“C” profile = 0.350" (8.89 mm) also available
• “A” profile standard in 4 thru 12 pins
• Thick film resistive elements
• Reduces total assembly costs
• Resistor elements protected by tough epoxy conformal
coating
• Wide resistance range (10
 to 2.2 M)
• Available in bulk pack as standard; optional tube pack is
also available
• Meets EIA/ECA-CB23 rev. G whisker test requirements for
class 1A products
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
Notes
• See derating curves for package power rating
(1) For resistor power ratings at + 25 °C see derating curves
(2) ± 2 % standard, ± 1 % and ± 5 % available
(3) Continuous working voltage shall be
or maximum working voltage, whichever is less
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
SCHEMATIC
PACKAGE
HEIGHT
POWER RATING
ELEMENT (1)
P70 °C W
RESISTANCE
RANGE
TEMPERATURE
COEFFICIENT
(- 55 °C to + 125 °C)
± ppm/°C
TOLERANCE (2)
± %
TEMP.
COEFFICIENT
TRACKING (1)
(- 55 °C to + 125 °C)
± ppm/°C
MAX.
WORKING
VOLTAGE (3)
VDC
CSCxxx01
A0.20
10 to 50
250
1, 2, 5
50
100
50.1 to 2.2M
100
B0.25
10 to 50
250
50.1 to 2.2M
100
CSCxxx03
A0.30
10 to 50
250
1, 2, 5
50
100
50.1 to 2.2M
100
B0.40
10 to 50
250
50.1 to 2.2M
100
CSCxxx05
A0.20
10 to 50
250
1, 2, 5
150
100
50.1 to 2.2M
100
B0.25
10 to 50
250
50.1 to 2.2M
100
P x R


유사한 부품 번호 - CSC04B011JPA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CSC04B VISHAY-CSC04B Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC04B VISHAY-CSC04B Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

유사한 설명 - CSC04B011JPA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com