전자부품 데이터시트 검색엔진 |
|
TLV2372 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
TLV2372 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 28 page TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375 FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS270C − MARCH 2001 − REVISED DECEMBER 2003 6 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted) (continued) output characteristics PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT VDD = 2.7 V 25 °C 2.55 2.58 VDD = 2.7 V Full range 2.48 VIC = VDD/2, IOH = −1 mA VDD = 5 V 25 °C 4.9 4.93 VIC = VDD/2, IOH = −1 mA VDD = 5 V Full range 4.85 VDD = 15 V 25 °C 14.92 14.96 VOH High-level output voltage VDD = 15 V Full range 14.9 V VOH High-level output voltage VDD = 2.7 V 25 °C 1.9 2 V VDD = 2.7 V Full range 1.6 VIC = VDD/2, IOH = −5 mA VDD = 5 V 25 °C 4.6 4.68 VIC = VDD/2, IOH = −5 mA VDD = 5 V Full range 4.5 VDD = 15 V 25 °C 14.7 14.8 VDD = 15 V Full range 14.6 VDD = 2.7 V 25 °C 0.1 0.15 VDD = 2.7 V Full range 0.22 VIC = VDD/2, IOL = 1 mA VDD = 5 V 25 °C 0.05 0.1 VIC = VDD/2, IOL = 1 mA VDD = 5 V Full range 0.15 VDD = 15 V 25 °C 0.05 0.08 VOL Low-level output voltage VDD = 15 V Full range 0.1 V VOL Low-level output voltage VDD = 2.7 V 25 °C 0.52 0.7 V VDD = 2.7 V Full range 1.1 VIC = VDD/2, IOL = 5 mA VDD = 5 V 25 °C 0.28 0.4 VIC = VDD/2, IOL = 5 mA VDD = 5 V Full range 0.5 VDD = 15 V 25 °C 0.19 0.3 VDD = 15 V Full range 0.35 VDD = 2.7 V, VO = 0.5 V from rail Positive rail 25 °C 4 VDD = 2.7 V, VO = 0.5 V from rail Negative rail 25 °C 5 IO Output current VDD = 5 V, VO = 0.5 V from rail Positive rail 25 °C 7 mA IO Output current VDD = 5 V, VO = 0.5 V from rail Negative rail 25 °C 8 mA VDD = 15 V, VO = 0.5 V from rail Positive rail 25 °C 16 VDD = 15 V, VO = 0.5 V from rail Negative rail 25 °C 15 power supply PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT VDD = 2.7 V 25 °C 470 560 IDD Supply current (per channel) VO = VDD/2, VDD = 5 V 25 °C 550 660 µA IDD Supply current (per channel) VO = VDD/2, VDD = 15 V 25 °C 750 900 µA VDD = 15 V Full range 1200 PSRR Supply voltage rejection ratio VDD = 2.7 V to 15 V, VIC = VDD /2, 25 °C 70 80 dB PSRR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 2.7 V to 15 V, No load VIC = VDD /2, Full range 65 dB |
유사한 부품 번호 - TLV2372 |
|
유사한 설명 - TLV2372 |