전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1331-087LF 데이터시트(PDF) 7 Page - Skyworks Solutions Inc.

부품명 SMP1331-087LF
상세설명  45 W Surface Mount Series Connected PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1331-087LF 데이터시트(HTML) 7 Page - Skyworks Solutions Inc.

  SMP1331-087LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA SHEET • SMP1331-087LF: 45 W SURFACE MOUNT SERIES CONNECTED PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203589A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 8, 2015
7
Package Dimensions
The PCB layout footprint for the SMP1331-087LF is provided in
Figure 11. Typical part markings are shown in Figure 12.
Package dimensions for the SMP1331-087LF are provided in
Figure 13, and tape and reel dimensions are provided in
Figure 14.
Package and Handling Information
Instructions on the shipping container label regarding exposure
to moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMP1331-087LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application
Note, Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
0.25
2X 0.80
0.55
0.80
0.35
Pin 2
Pin 1
Part Outline
Exposed Soldering
Area, Typical
Y0041
Figure 11. SMP1331-087LF PCB Layout Footprint
(Top View)
Pin 1
Indicator
12
12
Skyworks Part
Marking
Y2056
Figure 12. Typical Part Markings
(Top View)


유사한 부품 번호 - SMP1331-087LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1331-085LF SKYWORKS-SMP1331-085LF Datasheet
1,014Kb / 10P
   50 W Surface Mount Shunt Connected PIN Diode
More results

유사한 설명 - SMP1331-087LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1331-085LF SKYWORKS-SMP1331-085LF Datasheet
1,014Kb / 10P
   50 W Surface Mount Shunt Connected PIN Diode
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com