전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1352 데이터시트(PDF) 4 Page - Skyworks Solutions Inc.

부품명 SMP1352
상세설명  Large Signal Switching, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1352 데이터시트(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1352_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SMP1352 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200052N
Typical Performance Characteristics
0.1
1
10
100
1000
0.01
0.1
1
10
100
Forward Current (mA)
Figure 1. Series Resistance vs Current @ 100 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1
2
5
10
20
50
100
Reverse Voltage (V)
1 MHz
100 MHz
1 GHz
Figure 3. Capacitance vs Reverse Voltage
0.01
0.1
1
10
100
400
600
800
500
700
1000
900
Forward Voltage (mV)
Figure 2. DC Characteristics
0
50
100
150
200
250
300
0
500
1000
1500
2000
Frequency (MHz)
0 V
10 V
40 V
Figure 4. Conductance vs Frequency and Reverse Voltage


유사한 부품 번호 - SMP1352_15

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMP1352-005 ALPHA-SMP1352-005 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-011 ALPHA-SMP1352-011 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-079 ALPHA-SMP1352-079 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1352_15

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMP1352 ALPHA-SMP1352 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com