전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1352 데이터시트(PDF) 6 Page - Skyworks Solutions Inc.

부품명 SMP1352
상세설명  Large Signal Switching, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1352 데이터시트(HTML) 6 Page - Skyworks Solutions Inc.

  SMP1352_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1352_15 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DATA SHEET • SMP1352 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200052N
12
0.090 (2.29 mm) Min.
0.107 (2.72 mm) Max.
0.000 (0 mm) Min.
0.004 (0.10 mm) Max.
0.012 (0.305 mm) Min.
0.016 (0.406 mm) Max.
0.036 (0.91 mm) Min.
0.046 (1.17 mm) Max.
0.010 (0.25 mm) Min.
0.018 (0.46 mm) Max.
0.005 (0.127 mm) Min.
0.008 (0.203 mm) Max.
0.044
(1.12 mm) Min.
0.054
(1.37 mm) Max.
0.025
(0.635 mm) Min.
0.037
(0.940 mm) Max.
0.013
(0.33 mm) Min.
0.017
(0.43 mm) Max.
Cathode
Indicator
0.008 Ref.
Gauge Datum
For Foot Length
Measurement
0.060 (1.52 mm) Min.
0.070 (1.78 mm) Max.
S1619
Dimensions are in inches (millimeters shown in parentheses)
Figure 7. SOD-323 Package Dimension Drawing
S2910
Pin 1
Indicator
2.00 ± 0.05
0.30 ± 0.05
4.00
4.00
(See Note 4)
1.52 (Ao)
2.90 (Bo)
1.35 (Ko)
1.07 (K1)
2.08
0.84
R0.5 Typ.
R0.3 Max.
Ø1.50 +0.1/–0
Ø1.00 Min.
1.75 ± 0.10
A
Notes:
1. Carrier tape: black conductive polystyrene.
2. Cover tape: transparent conductive PSA.
3. Cover tape size: 5.4 mm width.
4. 10 sprocket hole pitch cumulative tolerance: ±0.20 mm.
5. All measurements are in millimeters.
A
A
Figure 8. SOD-323 Tape and Reel Dimensions


유사한 부품 번호 - SMP1352_15

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMP1352-005 ALPHA-SMP1352-005 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-011 ALPHA-SMP1352-011 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-079 ALPHA-SMP1352-079 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1352_15

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMP1352 ALPHA-SMP1352 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com