전자부품 데이터시트 검색엔진 |
|
FAN4040A-ES325 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
FAN4040A-ES325 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 7 page PRODUCT SPECIFICATION FAN4040 REV. 1.0.5 1/29/03 5 Guaranteed Electrical Characteristics, FAN4040-3.3, Extended Temperature Range (TA = 25°C unless otherwise specified, in free air) The • denotes specifications which apply over the full operating temperature range. *Typical. Guaranteed Electrical Characteristics, FAN4040-5.0, Extended Temperature Range (TA = 25°C unless otherwise specified, in free air) The • denotes specifications which apply over the full operating temperature range. *Typical. Symbol Parameter Conditions Limits Units ABCD VR Reverse Breakdown Voltage IK = 100µA 3.300 3.300 3.300 3.300 V* TCVR Reverse Breakdown Voltage Tolerance IK = 100µA • ±3.3 ±30 ±6.6 ±35 ±17 ±42 ±33 ±65 mV mV IRMIN Minimum Operating Current • 70 70 70 75 µA ∆VR/∆T Reverse Breakdown Voltage Temperature Coefficient IK = 1mA • ±100 ±100 ±100 ±150 ppm/°C ∆V R (∆IK) Reverse Breakdown Voltage Change with Operating Current IRMIN ≤ I K ≤1mA 1mA ≤ I K ≤ 15mA 1mA ≤ IK ≤ 25mA • • 1.5 10 12 1.5 10 12 1.5 10 12 1.5 13 15 mV mV mV* ZKA Reverse Dynamic Impedance IK=1mA, f=120Hz, IAC=0.1IK 1.0 1.0 1.0 1.3 Ω* eN Wideband Noise IK=100µA, 10Hz ≤ f ≤ 10kHz 70 70 70 70 µVRMS* ∆VR Reverse Breakdown Voltage Long-term Stability t=1000hrs, T=25°C, IK=100µA 120 120 120 120 ppm* Symbol Parameter Conditions Limits Units ABCD VR Reverse Breakdown Voltage IK = 100µA 5.00 5.00 5.00 5.00 V* TCVR Reverse Breakdown Voltage Tolerance IK = 100µA • ±5 ±50 ±10 ±60 ±24 ±70 ±50 ±100 mV mV IRMIN Minimum Operating Current • 100 100 100 100 µA ∆VR/∆T Reverse Breakdown Voltage Temperature Coefficient IK = 1mA • ±100 ±100 ±100 ±150 ppm/°C ∆V R (∆IK) Reverse Breakdown Voltage Change with Operating Current IRMIN ≤ I K ≤1mA 1mA ≤ I K ≤ 15mA 1mA ≤ IK ≤ 25mA • • 1.5 10 10 1.5 10 10 1.5 10 10 1.5 15 12 mV mV mV* ZKA Reverse Dynamic Impedance IK=1mA, f=120Hz, IAC=0.1IK 1.0 1.0 1.0 1.3 Ω* eN Wideband Noise IK=100µA, 10Hz ≤ f ≤ 10kHz 70 70 70 70 µVRMS* ∆VR Reverse Breakdown Voltage Long-term Stability t=1000hrs, T=25°C, IK=100µA 120 120 120 120 ppm* |
유사한 부품 번호 - FAN4040A-ES325 |
|
유사한 설명 - FAN4040A-ES325 |