전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C27 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BZX84C27
상세설명  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C27 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX84C27 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C27 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C27 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C27 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C27 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate D
BZX84C2V4-BZX84C43 ZENER DIODE
FEATURES
Planar Die Construction
3
00mW Power Dissipation
Zener Voltages from 2.4V -
43V
Ultra-Small Surface Mount Package Power
Dissipation
Maximum Ratings(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation(Note 1)
Pd
3
00
mW
Thermal Resistance
from Junction to Ambient
RθJA
417
/
℃ W
Junction Temperature
Tj
150
SOT-23
Storage Temperature Range
Tstg
-
55~+150
ZZZFMHOHFFRP
1
D$uJ


유사한 부품 번호 - BZX84C27

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX84C27 VISHAY-BZX84C27 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C27 ZSELEC-BZX84C27 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
Diotec Semiconductor
BZX84C27 DIOTEC-BZX84C27 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Jiangsu Changjiang Elec...
BZX84C27 JIANGSU-BZX84C27 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
logo
UN Semiconducctor INC
BZX84C27 UNSEMI-BZX84C27 Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

유사한 설명 - BZX84C27

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com