전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-50C-5 데이터시트(PDF) 2 Page - Astrodyne Corporation

부품명 SD-50C-5
상세설명  50W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-50C-5 데이터시트(HTML) 2 Page - Astrodyne Corporation

  SD-50C-5 Datasheet HTML 1Page - Astrodyne Corporation SD-50C-5 Datasheet HTML 2Page - Astrodyne Corporation SD-50C-5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s d - 5 0 / d R L series
50W Single Output DC-DC Converter
WWW.AsTROdYNE.COM
AsTROdYNE UsA: 1-800-823-8082
AsTROdYNE PACIFIC: 886-2-26983458
Mechanical�Specification
Derating�Curve
Static�Characteristics(SD-50C-24V)
File�Name:SD-50-SPEC���2003-10-26
Case�No.�901�����Unit:mm
AMBIENT�TEMPERATURE�(
)
100
10
0
0
20
40
60
80
-10
-10
20
30
40
50
45
60
55
SD-50A
SD-50B,C
INPUT�VOLTAGE�(V)
25
30
35
40
45
50
55
60
65
70
72
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
(VERTICAL)
(
)
HORIZONTAL
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
2
4
3
5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
DC�INPUT V+
DC�INPUT V-
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
5
4
3
2
1
50W�Single�Output�DC-DC�Converter
S D - 5 0 series


유사한 부품 번호 - SD-50C-5

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
SD-50C-5 ASTRODYNE-SD-50C-5 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50C-5 MEANWELL-SD-50C-5 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
SD-50C-5 MEANWELL-SD-50C-5 Datasheet
387Kb / 2P
   50W Single Output DC-DC Converter
SD-50C-5 MEANWELL-SD-50C-5 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-50C-5 ASTRODYNE-SD-50C-5 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
More results

유사한 설명 - SD-50C-5

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
SD-50 MEANWELL-SD-50_10 Datasheet
387Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
SKM50 MEANWELL-SKM50 Datasheet
152Kb / 1P
   50W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com