전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1646 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 2SK1646
상세설명  For C to X-band Local Oscillator and Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK1646 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  2SK1646 Datasheet HTML 1Page - Sanyo Semicon Device 2SK1646 Datasheet HTML 2Page - Sanyo Semicon Device 2SK1646 Datasheet HTML 3Page - Sanyo Semicon Device 2SK1646 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK1646
No.7546-1/4
Features
Ideal for use in C to X-band local oscillator and
amplifier.
The chip surface is covered with the highly reliable
protection film.
Super miniaturized plastic-mold package (CP4).
Automatic surface mounting is available.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7546
2SK1646
Package Dimensions
unit : mm
2134A
[2SK1646]
31504 TS IM TA-100554
N-Channel GaAs MESFET
For C to X-band Local Oscillator and Amplifier
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
6.0
V
Gate-to-Source Voltage
VGS
--5.0
V
Drain Current
ID
100
mA
Allowable Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Gate
2 : Source
3 : Drain
4 : Source
SANYO : CP4
0 to 0.1
0.16
1.9
0.95 0.95
0.4
43
0.95 0.85
2.9
0.6
2
1


유사한 부품 번호 - 2SK1646

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK1641 ISC-2SK1641 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1642 TOSHIBA-2SK1642 Datasheet
678Kb / 9P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
logo
Inchange Semiconductor ...
2SK1642 ISC-2SK1642 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1643 ISC-2SK1643 Datasheet
66Kb / 2P
   Fast Switching Speed
logo
Sanyo Semicon Device
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
   For C to X-band Local Oscillator and Amplifier
More results

유사한 설명 - 2SK1646

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
   For C to X-band Local Oscillator and Amplifier
SGF25 SANYO-SGF25 Datasheet
63Kb / 3P
   For C- to X-band local oscillator and amplifier
SGF9 SANYO-SGF9 Datasheet
66Kb / 8P
   For C to X-band Local Oscillator and Amplifier
SGF31 SANYO-SGF31 Datasheet
37Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
SGF29 SANYO-SGF29 Datasheet
38Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF33 SANYO-SGF33 Datasheet
46Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
   UHF Local Oscillator, Wide-Band Amplifier Applications???????
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
   UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com