์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IR2105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - International Rectifier

๋ถ€ํ’ˆ๋ช… IR2105
์ƒ์„ธ๋‚ด์šฉ  High Voltage, High Speed Power MOSFET and IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  IRF [International Rectifier]
ํ™ˆํŽ˜์ด์ง€  http://www.irf.com
Logo 

IR2105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - International Rectifier

Zoom Inzoom in Zoom Outzoom out
/ 12 page
 6 / 12 page
background image
6
IR2105
www.irf.com
Figure 3. Deadtime Waveform Definitions
Figure 4. Delay Matching Waveform Definitions
IN
HO
50%
50%
90%
10%
LO
90%
10%
DT
DT
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT
IN (LO)
IN (HO)
Figure 1. Input/Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
IN
HO
LO
IN(HO)
tr
ton
tf
toff
LO
HO
50%
50%
90%
90%
10%
10%
IN(LO)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn