전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD0603-T05C 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 CD0603-T05C
상세설명  Surface Mount TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-T05C 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  CD0603-T05C Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CD0603/CD1005-T Surface Mount TVS Diode Series
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
Pin 1
Location
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The product is dispensed in tape and reel format (see diagram below).
DIMENSIONS:
MM
(INCHES)
Item
Symbol
0603
1005
Carrier Width
A
1.00 ± 0.10
(0.039 ± 0.004)
1.55 ± 0.10
(0.061 ± 0.004)
Carrier Length
B
1.85 ± 0.10
(0.073 ± 0.004)
2.65 ± 0.10
(0.104 ± 0.004)
Carrier Depth
C
1.00 ± 0.10
(0.039 ± 0.004)
1.05 ± 0.10
0.041 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
1.55 ± 0.10
(0.061 ± 0.004)
Reel Outside Diameter
D
178
(7.008)
178
(7.008)
Reel Inner Diameter
D1
60.0
(2.362)
MIN.
60.0
(2.362)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.10
(0.008 ± 0.004)
0.20 ± 0.10
(0.008 ± 0.004)
Tape Width
W
8.00 ± 0.20
(0.315 ± 0.008)
8.00 ± 0.20
(0.315 ± 0.008)
Reel Width
W1
13.5
(0.531)
MAX.
13.5
(0.531)
MAX.
Quantity per Reel
--
4,000
4,000
REV. 12/15
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.


유사한 부품 번호 - CD0603-T05C

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
More results

유사한 설명 - CD0603-T05C

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD0603 BOURNS-CD0603_13 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T33B BOURNS-CDDFN2-T33B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3LC BOURNS-CDDFN2-T3.3LC Datasheet
280Kb / 4P
   Surface Mount TVS Diode
logo
RFE international
SMAJ RFE-SMAJ_V01 Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com