전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDDFN-6-0504P 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 CDDFN-6-0504P
상세설명  TVS/Steering Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN-6-0504P 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  CDDFN-6-0504P Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
110
10
20
30
40
50
60
70
80
90
100
0
25
0
TA - Ambient Temperature (°C)
50
75
100
125
150
12
1
2
3
4
5
6
7
8
9
10
11
0
5.0
4.5
Peak Pulse Current (A)
5.5
6.0
6.5
7.0
7.5
I/O pin to GND pin
Waveform
Parameters:
tr = 8
μs
td = 20
μs
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5.0
4.5
Peak Pulse Current (A)
5.5
6.0
6.5
7.0
7.5
I/O pin to GND pin
Waveform
Parameters:
tr = 8
μs
td = 20
μs
2.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0
1
23
45
Input Voltage (V)
VDD = 5 V, GND = 0 V, f = 1 MHz, T = 25 °C
1.50
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.00
20
40
120
Temperature (°C)
60
80
100
VDD = 6 V, GND = 0 V, VIN = 2.5 V, f = 1 MHz
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDDFN6-0504P - TVS/Steering Diode Array
Rating & Characteristic Curves
Power Derating Curve
Pulse Waveform
Clamping Voltage vs. Peak Pulse Current
Forward Voltage vs. Forward Current
Capacitance vs. Line Voltage
Capacitance vs. Temperature


유사한 부품 번호 - CDDFN-6-0504P

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
670Kb / 1P
   USB 3.0 - ESD & Overcurrent Protection
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
More results

유사한 설명 - CDDFN-6-0504P

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com