전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDDFN10-3324P 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CDDFN10-3324P
상세설명  Surface Mount TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-3324P 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CDDFN10-3324P Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 4Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
RoHS compliant*
Low capacitance - 0.04 pF
(I/O to I/O)
ESD protection to IEC 61000-4-2 (Level 4)
Applications
HDMI 1.3, 1.4 and 2.0
DisplayPort
Digital Visual Interface (DVI)
SATA and eSATA
USB 3.0
Memory protection
SIM card ports
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
CDDFN10-3324P - Surface Mount TVS Diode Array
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Parameter
Symbol
CDDFN10-3324P
Unit
Peak Pulse Power (tp = 8/20 μS)
Ppp
30
W
Peak Pulse Current (tp = 8/20 μS)
Ipp
4A
Operating Temperature
TJ
-55 to +85
ºC
Storage Temperature
TSTG
-55 to +150
ºC
General Information
The Model CDDFN10-3324P device provides ESD, CDE and EFT protection for
high-speed data ports, meeting IEC 61000-4-2 (ESD) requirements. The Transient
Voltage Suppressor array, protecting up to four data lines, offers a Working Peak
Reverse Voltage of 3.3 V and a Minimum Breakdown Voltage of 4.5 V.
The DFN10 packaged device has an ultra-low typical capacitance of only 0.04 pF
between I/O lines. This allows it to be used for protecting sensitive components used on
high-speed interfaces. The small footprint of the device allows for flow-through routing
on the PCB, helping to maintain matched impedances of the high-speed data lines.
Pins
3, 8
Pin
1
Pin
2
Pin
4
Pin
5
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Working Peak Reverse Voltage
VWM
3.3
V
Breakdown Voltage @ 1 mA
VBR
4.5
V
Leakage Current @ VWM
IR
0.1
0.5
µA
Capacitance @ 1.65 V, f = 1 MHz
(I/O to GND)
CIN
0.45
0.65
pF
Capacitance @ 1.65 V, f = 1 MHz
(I/O to I/O)
CCROSS
0.04
0.08
pF
Clamping Voltage @ 8/20 µs @ IPP
VC
7.5
V
ESD Protection per IEC 6-1000-4-2
Contact Discharge
Air Discharge
12
15
kV


유사한 부품 번호 - CDDFN10-3324P

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
More results

유사한 설명 - CDDFN10-3324P

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com