전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP51-02 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BAP51-02
상세설명  GENERAL PURPOSE PIN DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP51-02 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP51-02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
0.4
0.6
0.8
1.0
1.2
0.1
1
10
0
1020
3040
50
0.1
1
10
100
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
Forward Characteristics
Reverse Characteristics
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
FORWARD VOLTAGE
V
F
(V)
50
T
a=100
T
a=25
REVERSE VOLTAGE V
R
(V)
T
a=25
f=1MHz
Capacitance Characteristics Per Diode
REVERSE VOLTAGE V
R
(V)
Typical Characteristics
www.cj-elec.com
2
E,Mar,2015


유사한 부품 번호 - BAP51-02

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BAP51-02 LRC-BAP51-02 Datasheet
105Kb / 2P
   General purpose PIN diode
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
BAP51-02 NXP-BAP51-02 Datasheet
229Kb / 6P
   General purpose PIN diode
Rev. 03-2 January 2008
logo
Guangdong Kexin Industr...
BAP51-02 KEXIN-BAP51-02 Datasheet
33Kb / 1P
   General purpose PIN diode
More results

유사한 설명 - BAP51-02

제조업체부품명데이터시트상세설명
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
   GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05_16 Datasheet
305Kb / 2P
   General Purpose Pin Diodes 250mW
BAP51-02 MCC-BAP51-02 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
BAP51-02 MCC-BAP51-02_12 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com