전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CNXBG4106 데이터시트(PDF) 1 Page - Visual Communications Company

부품명 CNXBG4106
상세설명  B CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VCC [Visual Communications Company]
홈페이지  http://vcclite.com
Logo VCC - Visual Communications Company

CNXBG4106 데이터시트(HTML) 1 Page - Visual Communications Company

  CNXBG4106 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
OPTOELECTRONICS
1
2
2
3 MM LED
1
SPC 040
LENS/PANEL MOUNT
(ORDER SEPARATELY)
2
4
E=
RED - BLACK
STRIPPED END
OPTIONS
FOR ADDITIONAL
* CALL FACTORY
24 AWG
4
WIRE SIZE *
WHITE - BLACK
12
(ORDER SEPARATELY)
SMC 170
1
E
CNX B
WIRE COLOR *
LED/SPACER
X=
TERMINATION *
1
SINGLE ROW LOCKING HEADER
G=
SINGLE ROW PLAIN HEADER
CABLE ORDERING CODE EXAMPLE:
WIRE LENGTH *
04
4 INCHES (101.6mm)
06
6 INCHES (152.4mm)
08
8 INCHES (203.2mm)
12
12 INCHES (304.8mm)
18
18 INCHES (457.2mm)
24
24 INCHES (609.6mm)
REVISED PER ECR 111009AZ01
REVISIONS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
001
WIRE - 24 AWG 1007/1569
PROPERTY OF VISUAL
IN THIS DRAWING IS THE SOLE
ANY REPRODUCTION IN PART OR AS
THE INFORMATION CONTAINED
6.
U.S. & FOREIGN PATENT ISSUED AND PENDING
COMPANY, INC IS PROHIBITED.
DRAWN
CHECKED
TITLE:
B
9/28/10
DWG. NO.
REV
SCALE: 1:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
5.
LED LEAD LENGTH: FOR SMC 130 - .380" (9.652mm); FOR SMC 170 - .320" (8.128mm)
COMMUNICATIONS
INITIALS
FOR PANEL THICKNESS .055" (1.397mm) - .075" (1.905mm) NO SPACER REQUIRED
TERMINAL - PHOSPHOR BRONZE, TIN PLATE
FOR PANEL THICKNESS .030" (.762mm) - .050" (1.270mm) USE 1 SPC 040 SPACER
4.
PANEL THICKNESS: .030" (.762mm) MIN - .075" (1.905mm) MAX
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
3.
MOUNTING: HOLE SIZE: 11/64" (4.37mm)
1
COMMUNICATIONS COMPANY, INC.
SEE NOTES
A WHOLE WITHOUT THE WRITTEN
PERMISSION OF VISUAL
CNX B CABLE
SEE NOTES
ASSEMBLY
APPROVAL
001
CNX B ASSY
9/28/10
K.Howard
DPZ
11/29/10
NOTES:
1.
ROHS COMPLIANT
2.
MATERIAL:
PANEL CONNECTOR SOCKET - POLYPROPYLENE, UL RATING 94-HB
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
KH
W1
W2
ANODE (+) WHITE OR RED LEAD
CATHODE (-) BLACK LEAD
.650
16.51mm
XX.XX
SMC 130


유사한 부품 번호 - CNXBG4106

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
CNX-310 VCC-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-410 MARL-CNX-410 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
More results

유사한 설명 - CNXBG4106

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
847281002 MOLEX-847281002 Datasheet
158Kb / 1P
   USB TYPE B BAYONET STYLE CABLE ASSEMBLY
2022/03/30
logo
HARTING Technology Grou...
09-99-000-0984 HARTING-09-99-000-0984 Datasheet
482Kb / 1P
   Assembly Tool Han FB cable gland
2021-10-15
logo
Molex Electronics Ltd.
1110051020 MOLEX-1110051020 Datasheet
307Kb / 1P
   USB CABLE ASSEMBLY MINI-B INLINE RECEPTACLE TO MINI-B PLUG STRT
2020/02/28
1110145003 MOLEX1-1110145003 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B, B
1110195002 MOLEX1-1110195002 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, LVDS MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B-to-B
1110145000 MOLEX-1110145000 Datasheet
253Kb / 2P
   USB CABLE ASSEMBLY MINI-B PLUG STRAIGHT TO MINI-B PLUG STRAIGHT
2022/05/25
1110415002 MOLEX1-1110415002 Datasheet
47Kb / 1P
   HSAutoLink Cable Assembly, LVDS MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B-to-B
1110201003 MOLEX1-1110201003 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, IEEE 1394 MINI-B Plug-to-MINI-B Plug, Crossover,0.50m Length, Polarization B-to-B
1110145001 MOLEX1-1110145001 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization A, B
logo
PHOENIX CONTACT
2305473 PHOENIX-2305473 Datasheet
83Kb / 6P
   Cable - CABLE-D25SUB/B/B/100/KONFEK/S
09/11/2020
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com