전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESCA-0302 데이터시트(PDF) 2 Page - Astrodyne Corporation

부품명 ESCA-0302
상세설명  30W Ultraminiature Encapsulated Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0302 데이터시트(HTML) 2 Page - Astrodyne Corporation

  ESCA-0302 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 5Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30W Ultraminiature Encapsulated Switching Power Supplies
ECA30 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
Model Number Output Voltage Output Amps Output Watts Load Regulation Ripple & Noise
Efficiency
DUAL OUTPUT - PCB Mount
EDCA-0306
±12 Volts(DC)
±1.25 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCA-0307
±15 Volts(DC)
±1 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCA-0308
+5/12 Volts(DC) 3/1.25 Amps
30W
±2 / ±4% max.
±150mV p-p max.
74%, typ.
DUAL OUTPUT - Chassis Mount
EDCC-0306
±12 Volts(DC)
±1.25 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCC-0307
±15 Volts(DC)
±1 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCC-0308
+5/12 Volts(DC) 3/1.25 Amps
30W
±2 / ±4% max.
±150mV p-p max.
74%, typ.
DUAL OUTPUT - DIN Rail Mount
EDCC-0306/DRL ±12 Volts(DC)
±1.25 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCC-0307/DRL ±15 Volts(DC)
±1 Amps
30W
±3% max.
±100mV p-p max.
80%, typ.
EDCC-0308/DRL +5/12 Volts(DC) 3/1.25 Amps
30W
±2 / ±4% max.
±150mV p-p max.
74%, typ.
TRIPLE OUTPUT - PCB Mount
ETCA-0309
+5,±12 Volts(DC) 3,0.63/0.63 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
71%, typ.
ETCA-0311
+5,±15 Volts(DC) 3,0.5/0.5 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
74%, typ.
TRIPLE OUTPUT - Chassis Mount
ETCC-0309
+5,±12 Volts(DC) 3,0.63/0.63 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
71%, typ.
ETCC-0311
+5,±15 Volts(DC) 3,0.5/0.5 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
74%, typ.
TRIPLE OUTPUT - DIN Rail Mount
ETCC-0309/DRL +5,±12 Volts(DC) 3,0.63/0.63 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
71%, typ.
ETCC-0311/DRL +5,±15 Volts(DC) 3,0.5/0.5 Amps 30W
0.6 / ±0.5% max.
100, ±75mV p-p max.
74%, typ.
Single / Dual / Triple Outputs
Universal 90 to 264VAC Input
3.3Volts(DC) to 24Volts(DC) Outputs
4242VDC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals


유사한 부품 번호 - ESCA-0302

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

유사한 설명 - ESCA-0302

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com