전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6TPU10MSI 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 6TPU10MSI
상세설명  Surface Mount Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPU10MSI 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  6TPU10MSI Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Lot. No.
R.Cap. code
R. Voltage code
Polarity
marking(+)
Lot. No.
R.Cap. code
R. Voltage code
Polarity marking(+)
W1
L
S
S
Small size, Low profile (L2.0
× W 1.25 × H 0.9 mm)
Face down terminal type
RoHS compliance, Halogen free
Specifications
Features
Marking
Dimensions (not to scale)
Characteristics list
Size code
S09
B09
Category temperature range
–55 °C to +85 °C
Rated voltage range
2.5 V.DC to 10 V.DC
6.3 V.DC
Category voltage range
2.5 V.DC to 10 V.DC
6.3 V.DC
Rated capacitance range
4.7 μF to 100 μF
150 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+85 °C, 1000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +40 %, −20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
S09 Size
B09 Size
Size code L±0.1
1
W±0.1
1
H±0.1
S±0.1
1
W1±0.1
S09
2.0
1.25
0.9
0.5
0.9
B09
3.5
2.8
0.9
0.8
2.2
R. Voltage (V.DC)
2.5
4.0
6.3
10.0
Code
eg
j
A
R. Cap. (μF)
4.7
10
22
47
68
100
Code
sAJ
S
W
A
R. Cap. (μF)
150
Code
E8
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple
1
current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d ✽3
LC
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPU
2.5
85
2.5
85
47
2.0 1.25 0.9
S09
510
150
0.10
23.5
2R5TPU47MSI
3000
85
2.5
85
100
2.0 1.25 0.9
510
150
0.10
50.0
ETPU100MSI
3000
4
85
4.0
85
68
2.0 1.25 0.9
510
150
0.10
54.4
4TPU68MSI
3000
6.3
85
6.3
85
10
2.0 1.25 0.9
400
250
0.10
6.3
6TPU10MSI
3000
85
6.3
85
22
2.0 1.25 0.9
510
150
0.10
27.7
6TPU22MSI
3000
85
6.3
85
47
2.0 1.25 0.9
510
150
0.10
59.2
6TPU47MSI
3000
85
6.3
85
150
3.5
2.8
0.9
B09
670
100
0.10
94.5
6TPU150MBI
3000
10
85
10.0
85
4.7
2.0 1.25 0.9
S09
360
300
0.10
4.7
10TPU4R7MSI
3000
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Unit : mm
✽1 ±0.2 : B09
S09 Size
B09 Size
✽ Externals of figure are the reference.
Surface Mount Type
Series :
TPU
Nov. 2015
01


유사한 부품 번호 - 6TPU10MSI

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
6TPB100MC SANYO-6TPB100MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150M SANYO-6TPB150M Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150MC SANYO-6TPB150MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150ML SANYO-6TPB150ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB220ML SANYO-6TPB220ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
More results

유사한 설명 - 6TPU10MSI

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com