전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS3922 데이터시트(PDF) 7 Page - Skyworks Solutions Inc.

부품명 SMS3922
상세설명  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3922 데이터시트(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SMS3922 Datasheet HTML 3Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 9Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 10Page - Skyworks Solutions Inc. SMS3922 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DATA SHEET • SMS392x SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200042AA • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
7
0.060 (1.50 mm) Min.
0.067 (1.70 mm) Max.
0.010
(0.25 mm) Min.
0.014
(0.35 mm) Max.
0.043 (1.10 mm) Min.
0.051 (1.30 mm) Max.
0.020
(0.50 mm) Min.
0.028
(0.70 mm) Max.
0.003
(0.07 mm) Min.
0.008
(0.20 mm) Max.
10° Max.
10° Max.
0.028
(0.70 mm) Min.
0.035
(0.90 mm) Max.
0.006 (0.15 mm) Min.
Polarity
Indicator Area
12
S1652
Dimensions are in inches (millimeters shown in parentheses)
Box
or
Bar
Figure 9. SC-79 Package Dimension Drawing
S2929
Notes:
1. Carrier tape: black conductive polycarbonate or polystyrene.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.4 mm width.
4. ESD-surface resistivity is ≤1 x 108 Ohms/square per
EIA, JEDEC TNR Specification.
5. All measurements are in millimeters.
0.229 ± 0.02 (T)
A
B
Ø1.50± 0.10
Ø0.50± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.80 ± 0.05 (Ko)
0.39 ± 0.05
0.90 ± 0.05 (Ao)
1.75 ± 0.10
2o Max
2° Max
A
B
B
A
Pin 1 Indicator
Figure 10. SC-79 Tape and Reel Dimensions


유사한 부품 번호 - SMS3922

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

유사한 설명 - SMS3922

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com