전자부품 데이터시트 검색엔진 |
|
GS72116AU-8 데이터시트(PDF) 6 Page - GSI Technology |
|
GS72116AU-8 데이터시트(HTML) 6 Page - GSI Technology |
6 / 18 page Rev: 1.04a 10/2002 6/18 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS72116ATP/J/T/U AC Test Conditions Power Supply Currents Parameter Symbol Test Conditions 0 to 70°C –40 to 85°C 7 ns 8 ns 10 ns 12 ns 7 ns 8 ns 10 ns 12 ns Operating Supply Current IDD (max) CE ≤ VIL All other inputs ≥ VIH or ≤ VIL Min. cycle time IOUT = 0 mA 145 mA 125 mA 100 mA 85 mA 150 mA 130 mA 105 mA 90 mA Standby Current ISB1 (max) CE ≥ VIH All other inputs ≥ VIH or ≤VIL Min. cycle time 25 mA 20 mA 20 mA 15 mA 30 mA 25 mA 25 mA 20 mA Standby Current ISB2 (max) CE ≥ VDD – 0.2 V All other inputs ≥ VDD – 0.2 V or ≤ 0.2 V 5 mA 10 mA DQ VT = 1.4 V 50 Ω 30pF1 DQ 3.3 V Output Load 1 Output Load 2 589 Ω 434 Ω 5pF1 Note: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ Parameter Conditions Input high level VIH = 2.4 V Input low level VIL = 0.4 V Input rise time tr = 1 V/ns Input fall time tf = 1 V/ns Input reference level 1.4 V Output reference level 1.4 V Output load Fig. 1& 2 |
유사한 부품 번호 - GS72116AU-8 |
|
유사한 설명 - GS72116AU-8 |