전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT153 데이터시트(PDF) 2 Page - Texas Instruments

부품명 54ACT153
상세설명  Dual 4-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT153 데이터시트(HTML) 2 Page - Texas Instruments

  54ACT153 Datasheet HTML 1Page - Texas Instruments 54ACT153 Datasheet HTML 2Page - Texas Instruments 54ACT153 Datasheet HTML 3Page - Texas Instruments 54ACT153 Datasheet HTML 4Page - Texas Instruments 54ACT153 Datasheet HTML 5Page - Texas Instruments 54ACT153 Datasheet HTML 6Page - Texas Instruments 54ACT153 Datasheet HTML 7Page - Texas Instruments 54ACT153 Datasheet HTML 8Page - Texas Instruments 54ACT153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54AC153
54ACT153
Dual 4-Input Multiplexer
General Description
The ’AC/’ACT153 is a high-speed dual 4-input multiplexer
with common select inputs and individual enable inputs for
each section. It can select two lines of data from four
sources. The two buffered outputs present data in the true
(non-inverted) form. In addition to multiplexer operation, the
’AC/’ACT153 can act as a function generator and generate
any two functions of three variables.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n ’ACT153 has TTL-compatible inputs
n Standard Microcircuit Drawings (SMD)
— ’AC153: 5962-87625
— ’ACT153: 5962-87698
Logic Symbols
Pin
Names
Description
I
0a–I3a
Side A Data Inputs
I
0b–I3b
Side B Data Inputs
S
0,S1
Common Select
Inputs
E
a
Side A Enable Input
E
b
Side B Enable Input
Z
a
Side A Output
Z
b
Side B Output
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100271-1
IEEE/IEC
DS100271-2
September 1998
© 1998 National Semiconductor Corporation
DS100271
www.national.com


유사한 부품 번호 - 54ACT153

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT153D NSC-54ACT153D Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
54ACT153F NSC-54ACT153F Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
54ACT153L NSC-54ACT153L Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
More results

유사한 설명 - 54ACT153

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com