전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT374 데이터시트(PDF) 6 Page - Texas Instruments

부품명 54ACT374
상세설명  Octal D Flip-Flop with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT374 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 54ACT374 Datasheet HTML 2Page - Texas Instruments 54ACT374 Datasheet HTML 3Page - Texas Instruments 54ACT374 Datasheet HTML 4Page - Texas Instruments 54ACT374 Datasheet HTML 5Page - Texas Instruments 54ACT374 Datasheet HTML 6Page - Texas Instruments 54ACT374 Datasheet HTML 7Page - Texas Instruments 54ACT374 Datasheet HTML 8Page - Texas Instruments 54ACT374 Datasheet HTML 9Page - Texas Instruments 54ACT374 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
(V)
C
L = 50 pF
Units
No.
(Note 8)
Min
Max
f
max
Maximum Clock
3.3
60
MHz
Frequency
5.0
95
t
PLH
Propagation Delay
3.3
3.0
16.5
ns
CP to O
n
5.0
3.0
12.0
t
PHL
Propagation Delay
3.3
3.0
15.0
ns
CP to O
n
5.0
3.0
11.0
t
PZH
Output Enable Time
3.3
1.0
14.0
ns
5.0
1.5
10.5
t
PZL
Output Enable Time
3.3
1.0
14.0
ns
5.0
1.5
10.5
t
PHZ
Output Disable Time
3.3
1.0
16.0
ns
5.0
1.5
12.5
t
PLZ
Output Disable Time
3.3
1.0
13.0
ns
5.0
1.5
10.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
6.5
ns
D
n to CP
5.0
5.0
t
h
Hold Time, HIGH or LOW
3.3
1.0
ns
D
n to CP
5.0
1.5
t
w
CP Pulse Width,
3.3
6.5
ns
HIGH or LOW
5.0
5.0
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 10)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
70
MHz
Frequency
t
PLH
Propagation Delay
5.0
1.5
12.0
ns
CP to O
n
t
PHL
Propagation Delay
5.0
1.5
11.5
ns
CP to O
n
t
PZH
Output Enable Time
5.0
1.5
11.5
ns
www.national.com
5


유사한 부품 번호 - 54ACT374

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT374D NSC-54ACT374D Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT374F NSC-54ACT374F Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT374L NSC-54ACT374L Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

유사한 설명 - 54ACT374

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com