전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACTQ373 데이터시트(PDF) 7 Page - Texas Instruments

부품명 54ACTQ373
상세설명  Quiet Series Octal Transparent Latch with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ373 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 54ACTQ373 Datasheet HTML 2Page - Texas Instruments 54ACTQ373 Datasheet HTML 3Page - Texas Instruments 54ACTQ373 Datasheet HTML 4Page - Texas Instruments 54ACTQ373 Datasheet HTML 5Page - Texas Instruments 54ACTQ373 Datasheet HTML 6Page - Texas Instruments 54ACTQ373 Datasheet HTML 7Page - Texas Instruments 54ACTQ373 Datasheet HTML 8Page - Texas Instruments 54ACTQ373 Datasheet HTML 9Page - Texas Instruments 54ACTQ373 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Operating Requirements
Symbol
Parameter
V
CC
(V)
(Note 14)
54ACQ
Units
T
A = −55˚C
to +125˚C
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
3.0
ns
D
n to LE
5.0
3.0
t
h
Hold Time, HIGH or LOW
3.3
1.5
ns
D
n to LE
5.0
1,5
t
w
LE Pulse Width, HIGH
3.3
5.0
ns
5.0
5.0
Note 14: Voltage Range 5.0 is 5.0V ±0.5V.
Voltage Range 3.3 is 3.3V ±0.3V.
AC Electrical Characteristics
V
CC
(V)
(Note 15)
54ACTQ
T
A = −55˚C
Symbol
Parameter
to +125˚C
Units
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
5.0
1.5
10.5
ns
D
n to On
t
PHL,tPLH
Propagation Delay
5.0
1.5
11.5
ns
LE to O
n
t
PZL,tPZH
Output Enable Time
5.0
1.5
11.0
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.5
10.5
ns
Note 15: Voltage Range 5.0 is 5.0V ±0.5V.
AC Operating Requirements
Symbol
Parameter
V
CC
(V)
(Note 16)
54ACTQ
Units
T
A = −55˚C
to +125˚C
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
3.5
ns
D
n to LE
t
h
Hold Time, HIGH or LOW
5.0
1.5
ns
D
n to LE
t
w
LE Pulse Width, HIGH
5.0
5.0
ns
Note 16: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
44.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


유사한 부품 번호 - 54ACTQ373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACTQ373D NSC-54ACTQ373D Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ373F NSC-54ACTQ373F Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ373L NSC-54ACTQ373L Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results

유사한 설명 - 54ACTQ373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com