전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT175 데이터시트(PDF) 3 Page - Texas Instruments

부품명 54ACT175
상세설명  Quad D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT175 데이터시트(HTML) 3 Page - Texas Instruments

  54ACT175 Datasheet HTML 1Page - Texas Instruments 54ACT175 Datasheet HTML 2Page - Texas Instruments 54ACT175 Datasheet HTML 3Page - Texas Instruments 54ACT175 Datasheet HTML 4Page - Texas Instruments 54ACT175 Datasheet HTML 5Page - Texas Instruments 54ACT175 Datasheet HTML 6Page - Texas Instruments 54ACT175 Datasheet HTML 7Page - Texas Instruments 54ACT175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OBSOLETE
54AC175, 54ACT175
www.ti.com
SNOS094B – AUGUST 1998 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to VCC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to VCC + 0.5V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
CDIP
175°C
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables.
Texas Instruments does not recommend operation of FACT® circuits outside databook specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC)
'AC
2.0V to 6.0V
'ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
54AC/ACT
−55°C to +125°C
Minimum Input Edge Rate (
ΔV/Δt)
'AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
ΔV/Δt)
'ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: 54AC175 54ACT175


유사한 부품 번호 - 54ACT175

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT175D NSC-54ACT175D Datasheet
141Kb / 8P
   Quad D Flip-Flop
54ACT175F NSC-54ACT175F Datasheet
141Kb / 8P
   Quad D Flip-Flop
54ACT175L NSC-54ACT175L Datasheet
141Kb / 8P
   Quad D Flip-Flop
More results

유사한 설명 - 54ACT175

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
   Quad D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com