전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5474 데이터시트(PDF) 3 Page - Texas Instruments

부품명 5474
상세설명  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

5474 데이터시트(HTML) 3 Page - Texas Instruments

  5474 Datasheet HTML 1Page - Texas Instruments 5474 Datasheet HTML 2Page - Texas Instruments 5474 Datasheet HTML 3Page - Texas Instruments 5474 Datasheet HTML 4Page - Texas Instruments 5474 Datasheet HTML 5Page - Texas Instruments 5474 Datasheet HTML 6Page - Texas Instruments 5474 Datasheet HTML 7Page - Texas Instruments 5474 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54 and 54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM5474
DM7474
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 2)
0
15
0
15
MHz
tW
Pulse Width
Clock High
30
30
(Note 2)
Clock Low
37
37
ns
Clear Low
30
30
Preset Low
30
30
tSU
Input Setup Time (Notes12)
20
u
20
u
ns
tH
Input Hold Time (Notes12)
5
u
5
u
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
The symbol (
u) indicates the rising edge of the clock pulse is used for reference
Note 2
TA e 25 C and VCC e 5V
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
34
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
D
40
Current
VI e 24V
Clock
80
m
A
Clear
120
Preset
40
IIL
Low Level Input
VCC e Max
D
b
16
Current
VI e 04V
Clock
b
32
mA
(Note 6)
Clear
b
32
Preset
b
16
IOS
Short Circuit
VCC e Max
DM54
b
20
b
55
mA
Output Current
(Note 4)
DM74
b
18
b
55
ICC
Supply Current
VCC e Max (Note 5)
17
30
mA
Note 3
All typicals are at VCC e 5V TA e 25 C
Note 4
Not more than one output should be shorted at a time
Note 5
With all outputs open ICC is measured with the Q and Q outputs high in turn At the time of measurement the clock is grounded
Note 6
Clear is tested with preset high and preset is tested with clear high
2


유사한 부품 번호 - 5474

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
List of Unclassifed Man...
5474 ETC-5474 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
54740 ETC-54740 Datasheet
269Kb / 1P
   C-Tap Connectors for Copper Conductor
54740 ETC2-54740 Datasheet
269Kb / 1P
   C-Taps for 600V Applications
logo
Gilway Technical Lamp
54745 GILWAY-54745 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
More results

유사한 설명 - 5474

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74LS74A FAIRCHILD-DM74LS74A Datasheet
67Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
DM74S74 FAIRCHILD-DM74S74 Datasheet
50Kb / 5P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
logo
National Semiconductor ...
54LS74 NSC-54LS74 Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com