전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC081000 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC081000
상세설명  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081000 데이터시트(HTML) 1 Page - Texas Instruments

  ADC081000 Datasheet HTML 1Page - Texas Instruments ADC081000 Datasheet HTML 2Page - Texas Instruments ADC081000 Datasheet HTML 3Page - Texas Instruments ADC081000 Datasheet HTML 4Page - Texas Instruments ADC081000 Datasheet HTML 5Page - Texas Instruments ADC081000 Datasheet HTML 6Page - Texas Instruments ADC081000 Datasheet HTML 7Page - Texas Instruments ADC081000 Datasheet HTML 8Page - Texas Instruments ADC081000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC081000
www.ti.com
SNAS209G – FEBRUARY 2004 – REVISED MAY 2013
ADC081000 High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Check for Samples: ADC081000
1
FEATURES
DESCRIPTION
The ADC081000 is a low power, high performance
2
Internal Sample-and-Hold
CMOS
analog-to-digital
converter
that
digitizes
Single +1.9V ±0.1V Operation
signals to 8 bits resolution at sampling rates up to
Adjustable Output Levels
1.6 GSPS. Consuming a typical 1.4 Watts at 1 GSPS
from a single 1.9 Volt supply, this device is ensured
Ensured No Missing Codes
to have no missing codes over the full operating
Low Power Standby Mode
temperature
range.
The
unique
folding
and
interpolating
architecture,
the
fully
differential
APPLICATIONS
comparator design, the innovative design of the
internal sample-and-hold amplifier and the self-
Direct RF Down Conversion
calibration scheme enable a very flat response of all
Digital Oscilloscopes
dynamic parameters beyond Nyquist, producing a
Satellite Set-top boxes
high 7.5 ENOB with a 500 MHz input signal and a
1 GHz sample rate while providing a 10-18 B.E.R.
Communications Systems
Output formatting is offset binary and the LVDS
Test Instrumentation
digital outputs are compliant with IEEE 1596.3-1996,
with the exception of a reduced common mode
APPLICATIONS
voltage of 0.8V.
Resolution 8 Bits
The converter has a 1:2 demultiplexer that feeds two
Max Conversion Rate 1 GSPS (Min)
LVDS buses, reducing the output data rate on each
bus to half the sampling rate. The data on these
ENOB at 500 MHz Input 7.5 Bits (Typ)
buses are interleaved in time to provide a 500 MHz
DNL ±0.25 LSB (Typ)
output rate per bus and a combined output rate of
Conversion Latency 7 and 8 Clock Cycles
1 GSPS.
Power Consumption
The converter typically consumes less than 10 mW in
Operating 1.45 W (Typ)
the Power Down Mode and is available in a 128-lead
HLQFP and operates over the industrial (–40°C
Power Down Mode 9 mW (Typ)
TA ≤ +85°C) temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - ADC081000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000LEVAL NSC-ADC081000LEVAL Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

유사한 설명 - ADC081000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com