전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11139DR 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74AC11139DR
상세설명  DUAL 2-LINE DECODER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11139DR 데이터시트(HTML) 2 Page - Texas Instruments

  74AC11139DR Datasheet HTML 1Page - Texas Instruments 74AC11139DR Datasheet HTML 2Page - Texas Instruments 74AC11139DR Datasheet HTML 3Page - Texas Instruments 74AC11139DR Datasheet HTML 4Page - Texas Instruments 74AC11139DR Datasheet HTML 5Page - Texas Instruments 74AC11139DR Datasheet HTML 6Page - Texas Instruments 74AC11139DR Datasheet HTML 7Page - Texas Instruments 74AC11139DR Datasheet HTML 8Page - Texas Instruments 74AC11139DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74AC11139
DUAL 2-LINE DECODER/DEMULTIPLEXER
SCAS070B − JULY 1989 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbols (alternatives)
X/Y
1
15
1A
2
14
1B
EN
13
10
2B
9
11
2A
1Y0
16
0
1Y1
1
1
1Y2
2
2
1Y3
3
3
2Y0
5
2Y1
6
2Y2
7
2Y3
8
DMUX
0
15
1A
1
14
1B
13
9
2B
11
10
2A
1Y0
16
0
1Y1
1
1
1Y2
2
2
1Y3
3
3
2Y0
5
2Y1
6
2Y2
7
2Y3
8
G
3
0
1G
1G
2G
2G
These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
1A
1Y3
1Y2
1Y1
1Y0
Data
Outputs
Select
Inputs
15
16
1
2
3
1B
14
Enable 1G
13
2A
2Y3
2Y2
2Y1
2Y0
Select
10
6
7
8
2B
9
Enable 2G
11
5


유사한 부품 번호 - 74AC11139DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11139DR TI-74AC11139DR Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 2-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
More results

유사한 설명 - 74AC11139DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11139 TI-74AC11139 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 2-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com