전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11160DWR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AC11160DWR
상세설명  SYNCHRONOUS 4-BIT DECADE COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11160DWR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74AC11160DWR Datasheet HTML 2Page - Texas Instruments 74AC11160DWR Datasheet HTML 3Page - Texas Instruments 74AC11160DWR Datasheet HTML 4Page - Texas Instruments 74AC11160DWR Datasheet HTML 5Page - Texas Instruments 74AC11160DWR Datasheet HTML 6Page - Texas Instruments 74AC11160DWR Datasheet HTML 7Page - Texas Instruments 74AC11160DWR Datasheet HTML 8Page - Texas Instruments 74AC11160DWR Datasheet HTML 9Page - Texas Instruments 74AC11160DWR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74AC11160
SYNCHRONOUS 4BIT DECADE COUNTER
SCAS380 − D3199, AUGUST 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
66
66
MHz
tPLH
CLK
RCO
1.5
11.2
13.6
1.5
15.2
ns
tPHL
CLK
RCO
1.5
12.2
15.1
1.5
17.2
ns
tPLH
CLK (LOAD high)
Any Q
1.5
9
11.2
1.5
12.5
ns
tPHL
CLK (LOAD high)
Any Q
1.5
10.6
13.4
1.5
15.1
ns
tPLH
CLK (LOAD low)
Any Q
1.5
8.6
10.8
1.5
12.1
ns
tPHL
CLK (LOAD low)
Any Q
1.5
10.1
12.8
1.5
14.4
ns
tPLH
ENT
RCO
1.5
6
7.6
1.5
8.3
ns
tPHL
ENT
RCO
1.5
6.8
8.9
1.5
9.9
ns
tPLH
CLR
Any Q
1.5
12
15.2
1.5
17.3
ns
tPHL
CLR
RCO
1.5
14.1
17.3
1.5
19.7
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
110
110
MHz
tPLH
CLK
RCO
1.5
7.8
9.5
1.5
10.7
ns
tPHL
CLK
RCO
1.5
8.5
10.6
1.5
12.1
ns
tPLH
CLK (LOAD high)
Any Q
1.5
6.3
8
1.5
8.9
ns
tPHL
CLK (LOAD high)
Any Q
1.5
7.4
9.8
1.5
11.2
ns
tPLH
CLK (LOAD low)
Any Q
1.5
6
7.5
1.5
8.4
ns
tPHL
CLK (LOAD low)
Any Q
1.5
7.1
9.4
1.5
10.7
ns
tPLH
ENT
RCO
1.5
4.2
5.5
1.5
6
ns
tPHL
ENT
RCO
1.5
5
6.7
1.5
7.5
ns
tPLH
CLR
Any Q
1.5
8.2
10.7
1.5
12.1
ns
tPHL
CLR
RCO
1.5
9.9
12.2
1.5
13.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
48
pF


유사한 부품 번호 - 74AC11160DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11160DWR TI-74AC11160DWR Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
More results

유사한 설명 - 74AC11160DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11160 TI1-74ACT11160 Datasheet
127Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11162 TI-74AC11162 Datasheet
126Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
NXP Semiconductors
HEF40162B PHILIPS-HEF40162B Datasheet
166Kb / 10P
   4-bit synchronous decade counter with synchronous reset
January 1995
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com