전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10080 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC10080
상세설명  78.6 mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 데이터시트(HTML) 3 Page - Texas Instruments

  ADC10080 Datasheet HTML 1Page - Texas Instruments ADC10080 Datasheet HTML 2Page - Texas Instruments ADC10080 Datasheet HTML 3Page - Texas Instruments ADC10080 Datasheet HTML 4Page - Texas Instruments ADC10080 Datasheet HTML 5Page - Texas Instruments ADC10080 Datasheet HTML 6Page - Texas Instruments ADC10080 Datasheet HTML 7Page - Texas Instruments ADC10080 Datasheet HTML 8Page - Texas Instruments ADC10080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ADC10080
www.ti.com
SNAS177H – JULY 2003 – REVISED MARCH 2013
Table 1. PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Inverting analog input signal. With a 1.2V reference the full-scale
12
VIN
input signal level is a differential 1.0 VP-P. This pin may be tied to
VCOM (pin 4) for single-ended operation.
Non-inverting analog input signal. With a 1.2V reference the full-
13
VIN+
scale input signal level is a differential 1.0 VP-P.
Reference input. This pin should be bypassed to VSSA with a 0.1 µF
6
VREF
monolithic capacitor. VREF is 1.20V nominal. This pin may be driven
by a 1.20V external reference if desired. Do not load this pin.
7
VREFT
4
VCOM
These pins are high impedance reference bypass pins only.
Connect a 0.1 µF capacitor from each of these pins to VSSA. These
pins should not be loaded. VCOM may be used to set the input
common input voltage, VCM.
8
VREFB
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10080


유사한 부품 번호 - ADC10080

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080CIMT NSC-ADC10080CIMT Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10080CIMTX NSC-ADC10080CIMTX Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results

유사한 설명 - ADC10080

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com