전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11352 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74AC11352
상세설명  DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11352 데이터시트(HTML) 3 Page - Texas Instruments

  74AC11352 Datasheet HTML 1Page - Texas Instruments 74AC11352 Datasheet HTML 2Page - Texas Instruments 74AC11352 Datasheet HTML 3Page - Texas Instruments 74AC11352 Datasheet HTML 4Page - Texas Instruments 74AC11352 Datasheet HTML 5Page - Texas Instruments 74AC11352 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
74AC11352
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SCAS167 − DECEMBER 1991 − REVISED APRIL 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND pins
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−4
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 2: Unused or floating inputs must be held high or low.


유사한 부품 번호 - 74AC11352

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11353 TI-74AC11353 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 1 OR DATA SELECTOR/MULTIPLEXER
More results

유사한 설명 - 74AC11352

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com