전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4372A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 1N4372A
상세설명  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4372A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  1N4372A Datasheet HTML 1Page - Fairchild Semiconductor 1N4372A Datasheet HTML 2Page - Fairchild Semiconductor 1N4372A Datasheet HTML 3Page - Fairchild Semiconductor 1N4372A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1
Top Mark Information (Continued)
General Requirements:
1.0 Cathod Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 3rd to 5th characters of the device name.
For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name.
For BZXyy series: Voltage rating
5.0 Fourth Line: XY or XYL - Two Digit - Six Weeks Date Code
Where: X represents the last digit of the calendar year
Y represents the Six weeks numeric code
L represents the Large die identification
6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
7.0 Maximum no. of marking lines: 4
8.0 Maximum no. of digits per line: 3
9.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
10.0 Marking Font: Arial (Except FSC Logo)
11.0 First character of each marking line must be aligned vertically
F
522
9B
XY
1st line: F - Fairchild Logo
2nd line: Device Name - 3rd to 5th characters of the device name.
or 4th to 6th characters for BZXyy series
3rd line: Device Name - 6th to 7th characters of the device name.
or Voltage rating for BZXyy series
4th line: Device Code or - Two Digit - Six Weeks Date Code.
Date code plus or Two Digit - Six Weeks Date Code
Large die identification plus Large die identification, “L”


유사한 부품 번호 - 1N4372A

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4372A CDI-DIODE-1N4372A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Leshan Radio Company
1N4372A LRC-1N4372A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
logo
Microsemi Corporation
1N4372A MICROSEMI-1N4372A Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
1N4372A MICROSEMI-1N4372A Datasheet
217Kb / 3P
   Silicon 500 mW Zener Diodes
1N4372A MICROSEMI-1N4372A Datasheet
36Kb / 2P
   DOUBLE PLUG CONSTRUCTION
More results

유사한 설명 - 1N4372A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com