전자부품 데이터시트 검색엔진 |
|
1N746A 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
1N746A 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2004 Fairchild Semiconductor Corporation 1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1 Electrical Characteristics T A=25°C unless otherwise noted Notes: 1. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length. 2. Maximum Zener Current Ratings (IZM) The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve. Device VZ (V) @ IZ = 20mA (Note 1) ZZ (Ω) @ IZ = 20mA IZM (mA) (Note 2) IR (µA) @ VR = 1V Min. Typ. Max. Ta = 25 °C Ta = 125 °C 1N4370A 1N4371A 1N4372A 1N746A 1N747A 2.28 2.57 2.85 3.14 3.42 2.4 2.7 3.0 3.3 3.6 2.52 2.84 3.15 3.47 3.78 30 30 29 28 24 150 135 120 110 100 100 75 50 10 10 200 150 100 30 30 1N748A 1N749A 1N750A 1N751A 1N752A 3.71 4.09 4.47 4.85 5.32 3.9 4.3 4.7 5.1 5.6 4.10 4.52 4.94 5.36 5.88 23 22 19 17 11 95 85 75 70 65 10 2 2 1 1 30 30 30 20 20 1N753A 1N754A 1N755A 1N756A 1N757A 5.89 6.46 7.13 7.79 8.65 6.2 6.8 7.5 8.2 9.1 6.51 7.14 7.88 8.61 9.56 7 5 6 8 10 60 55 50 45 40 0.1 0.1 0.1 0.1 0.1 20 20 20 20 20 1N758A 1N759A 9.50 11.40 10 12 10.5 12.6 17 30 35 30 0.1 0.1 20 20 VF Forward Voltage = 1.5V Max @ IF = 200mA Zeners 1N4370A - 1N4372A 1N746A - 1N759A Absolute Maximum Ratings * T A = 25°C unless otherwise noted * These ratings are limiting values above which the serviceability of the diode may be impaired. Symbol Parameter Value Units PD Power Dissipation @ TL ≤ 75°C, Lead Length = 3/8” 500 mW Derate above 75 °C4.0 mW/ °C TJ, TSTG Operating and Storage Temperature Range -65 to +200 °C Tolerance = 5% DO-35 Glass case COLOR BAND DENOTES CATHODE |
유사한 부품 번호 - 1N746A |
|
유사한 설명 - 1N746A |